PART |
Description |
Maker |
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
20ETF10STRR 20ETF10STRL |
800V Fast Recovery Diode in a D2-Pak package
|
International Rectifier
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
DR758 DR750 DR751 DR7510 DR752 DR754 DR756 |
6.0A, 800V ultra fast recovery rectifier 6.0A, 400V ultra fast recovery rectifier 6.0A, 200V ultra fast recovery rectifier Passivated Rectifier 50 - 1000 Volts 6 Amp Glass 6 A, 1000 V, SILICON, RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
IRKEL240-10S10 2199 IRKCL240-6S10 IRKDL240-6S10 IR |
600V Fast Recovery Diode in a MAGN-A-Pak package 600V的快恢复二极管在磁共 à - Pak封装 MAGN-A-pak Power Modules 磁共甲柏电源模块 IC LOGIC 3245 OCTAL FET BUS SWITCH -40 85C TSSOP-20 - OBSOLETE 快速恢复二极管 FAST RECOVERY DIODES 快速恢复二极管 IC LOGIC 3861 10-BIT FET BUS SWITCH -40 85C SOIC-24 - OBSOLETE 快速恢复二极管 From old datasheet system 2500V Fast Recovery Diode in a MAGN-A-Pak package 1000V Fast Recovery Diode in a MAGN-A-Pak package 1200V Fast Recovery Diode in a MAGN-A-Pak package 1400V Fast Recovery Diode in a MAGN-A-Pak package 2000V Fast Recovery Diode in a MAGN-A-Pak package 1600V Fast Recovery Diode in a MAGN-A-Pak package
|
International Rectifier, Corp. IR
|
CURA103-HF CURA102-HF CURA105-HF CURA104-HF CURA10 |
Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=1A SMD Ultra Fast Recovery Rectifiers
|
Comchip Technology
|
20ETS12STRR 20ETS08 20ETS08S 20ETS08STRL 20ETS08ST |
INPUT RECTIFIER DIODE 1200V 20A Std. Recovery Diode in a D2-Pakpackage 1200V 20A Std. Recovery Diode in a TO-220AC (2-Pin)package 20ETS12/20ETS12S 800V 20A Std. Recovery Diode in a D2-Pakpackage 800V 20A Std. Recovery Diode in a TO-220AC (2-Pin)package From old datasheet system SURFACE MOUNTABLE INPUT RECTIFIER DIODE
|
InternationalRectifier IRF[International Rectifier]
|
1N4046 1N4049 1N4048 1N4045 1N4056 1N4044 1N4047 1 |
275 Amp Avg Power Silicon Rectifier Diodes 275安培平均电力硅整流二极管 275am Avg POWER SILICON RECTIFIER DIODES 100V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 150V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 200V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 250V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 300V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 400V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 500V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 600V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 700V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 900V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 1000V 275A Std. Recovery Diode in a DO-205AB (DO-9)package
|
International Rectifier, Corp. IRF[International Rectifier]
|
SD1053C18S20L SD1053C18S30L SD1053C22S20L SD1053C2 |
920 A, 2200 V, SILICON, RECTIFIER DIODE, DO-200AB 1050 A, 2200 V, SILICON, RECTIFIER DIODE, DO-200AB 3000V Fast Recovery Diode in a DO-200AB (B-Puk) package 2800V Fast Recovery Diode in a DO-200AB (B-Puk) package 2500V Fast Recovery Diode in a DO-200AB (B-Puk) package 2200V Fast Recovery Diode in a DO-200AB (B-Puk) package 1800V Fast Recovery Diode in a DO-200AB (B-Puk) package
|
VISHAY SEMICONDUCTORS International Rectifier
|
70U60 70U10 70U100 70U80 70U20 70U40 300U5A 70UF80 |
250 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AB 50V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 3.0V/3.3V Microprocessor Supervisory Circuits 400V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 200V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 1000V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 100V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 600V 250A Std. Recovery Diode in a DO-205AB (DO-9)package DIODE 250 A, 600 V, SILICON, RECTIFIER DIODE, DO-205AB, Rectifier Diode
|
International Rectifier Vishay Semiconductors
|